Part Number Hot Search : 
BZG05C33 GP20A E39CA ML120G10 74LS04 C4503AS1 GD103SD BC559C
Product Description
Full Text Search
 

To Download RV20N15FA100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RV20N Series
TOCOS
PA N E L C O N T R O L S
(R)
20mm Diameter, Single-Turn, Carbon Industrial Panel Controls
RV20N-15S
RV20N-20S
RV20N-20F
Features
20mm diameter, single-turn industrial panel controls Carbon film element Single unit, single shaft Linear or audio tapers Plastic M9 P0.75 bushing Plastic 6mm diameter shafts in slot or flat end styles Standard 15mm or 20mm shaft length Panel mounting styles only Right angle lug terminals 500 to 2M nominal resistance range Meets UL 94HB flammability requirements for plastic materials
Specifications
Electrical
Standard Resistance Range . . . . . . . . . B = 500 to 2M A,C = 1k to 2M Resistance Tolerance . . . . . . . . . . . . . . . . . 20% standard End Resistance . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 max. Resistance Taper . . . . B = linear; A = CW audio (logarithm); C = CCW audio (logarithm) Peak Noise (C.R.V.) . . . . . . . . . . . . . . . . . . . . . . . . 2% max. Power Rating . . . . . . . . . . . B = 0.25 watt; A,C = 0.125 watt at 40 C, 0 watt at 85 C Maximum Input Voltage . . . . . B = 250VDC; A,C = 200VDC or power rating, whichever is smaller Insulation Resistance . . . . . . . 100M minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 245 10 Load Life . . . . . . . . . . . .
Environmental
Temperature Range . . . . . . . . . . . . . . . . . . Temperature Characteristics . . . . . . . . . . . 10 C to 85 C 80 C, 5 hours without load R ) 10k (c) T/R ) 6% 10k ! R ) 1M (c) T/R ) 10% R 1 1M (c) T/R ) 15% 40 C, 1,000 hours with rated load T/R ) 15%
Moisture and Load Life . . . . . . . . . . . . 40 C, 90-95%RH, 90 minutes on, 30 minutes off, 500 hours with rated load T/R ) 20% Vibration . . . . . . . . . . . . . . . . . . .10-55Hz, 1.5mm amplitude, 3 directions, 2 hours each T/R ) 2.5% Soldering Heat Resistance . . . . . . . . . . . 350 C, 3 seconds T/R ) 2% Rotational Life . . . . . . . . . . . . . . .15,000 cycles without load T/R ) 10%
R = Total Resistance Value; T/R = Total Resistance Change
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 290 10 Shaft Torque . . . . . . . . 30 to 200 gf*cm (0.42 to 2.77 oz*in) Stop Strength . . . . . . . . . . . . . 9 kgf* cm (124.76 oz*in) min. Mounting Nut Torque . . . . . . . 5 kgf* cm (69.31 oz*in) max. Solderability . . . . . . . . . . . . . . . . . . . . . . . 235 C, 5 seconds Marking . . . . . . . . . . . . . . . . . . Model type, taper, resistance, shaft type, terminal identification, date code
28
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
RV20N Series
RV20N
Panel Mount, Single Unit, Single White Plastic Shaft Right Angle Ear-Lug Terminals
Dimensions
Unit: mm
Recommended Panel Mounting Holes
Part Numbering System
RV 20 N 20 S B 103 M
NOTE: FMS = From Mounting Surface
Resistance Tolerance: M =
20% (standard).
Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10; 101 = 100; 102 = 1,000; 103 = 10,000; 105 = 1,000,000 ). See table for standard resistance values. Resistance Taper: B = Linear. A = CW Audio (logarithm). C = CCW Audio (logarithm). Shaft End Style: S = Slotted (standard for 15mm or 20mm shaft length). F = Flatted (special order for 20mm shaft length only ). Standard Shaft Length: 15 = 15 mm FMS. 20 = 20mm FMS. Up to 30mm shaft length available (special order). Style: N = Panel Mount, Single Unit, Single White Plastic Shaft, Right Angle Ear-Lug Terminals. Size: 20 = 20mm Diameter. TOCOS Series Name: RV = Carbon Film Element.
Standard Resistance Values and Part Numbering Codes
Standard Nominal Total Resistance Values and Part Numbering Codes
Resistance ( ) 500 Code 501 Resistance ( ) 1,000 2,000 5,000 Code 102 202 502 Resistance ( ) 10,000 20,000 50,000 Code 103 203 503 Resistance ( ) 100,000 200,000 500,000 Code 104 204 504 Resistance ( ) 1,000,000 2,000,000 Code 105 205
Refer to Shaft End Styles Specifications and Hardware Specifications for details and availability. For additional information, refer to Guidelines and Precautions for Using Panel Controls.
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
29


▲Up To Search▲   

 
Price & Availability of RV20N15FA100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X